Electronic Components Datasheet Search
  English  ▼

X  

SN75179 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75179
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179 Datasheet(HTML) 2 Page - Texas Instruments

  SN75179 Datasheet HTML 1Page - Texas Instruments SN75179 Datasheet HTML 2Page - Texas Instruments SN75179 Datasheet HTML 3Page - Texas Instruments SN75179 Datasheet HTML 4Page - Texas Instruments SN75179 Datasheet HTML 5Page - Texas Instruments SN75179 Datasheet HTML 6Page - Texas Instruments SN75179 Datasheet HTML 7Page - Texas Instruments SN75179 Datasheet HTML 8Page - Texas Instruments SN75179 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN75179B
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS003E – OCTOBER 1985 – REVISED JUNE 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
D
R
3
2
Y
Z
B
A
5
6
7
8
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
D
R
3
2
Y
Z
B
A
5
6
7
8
schematics of inputs and outputs
TYPICAL OF ALL RECEIVER OUTPUTS
TYPICAL OF ALL DRIVER OUTPUTS
EQUIVALENT OF EACH RECEIVER INPUT
EQUIVALENT OF DRIVER INPUT
Output
VCC
85
Ω
NOM
Input
VCC
16.8 k
Ω
NOM
960
Ω
NOM
GND
Output
VCC
Driver input: R(eq) = 3 kΩ NOM
R(eq) = equivalent resistor
Input
VCC
960
Ω
NOM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com