Electronic Components Datasheet Search
  English  ▼

X  

SN75196 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75196
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75196 Datasheet(HTML) 4 Page - Texas Instruments

  SN75196 Datasheet HTML 1Page - Texas Instruments SN75196 Datasheet HTML 2Page - Texas Instruments SN75196 Datasheet HTML 3Page - Texas Instruments SN75196 Datasheet HTML 4Page - Texas Instruments SN75196 Datasheet HTML 5Page - Texas Instruments SN75196 Datasheet HTML 6Page - Texas Instruments SN75196 Datasheet HTML 7Page - Texas Instruments SN75196 Datasheet HTML 8Page - Texas Instruments SN75196 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN75196
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS188B – MAY 1995 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VDD (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VSS (see Note 1)
–15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Driver
–15 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver
–30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (Driver)
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low-level output current, IOL (Receiver)
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: DY and RA to GND (see Note 2)
Class 3, A: 10 kV, B: 500 V
. . . . . . . . . . . . . . . . . .
All pins (see Note 2)
Class 3, A: 5 kV, B: 300 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to the network ground terminal.
2. Per MIL-PRF-38535, Method 3015.7
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DW
1125 mW
9.0 mW/
°C
720 mW
N
1150 mW
9.2 mW/
°C
736 mW
‡ This is the inverse of the traditional junction-to-case thermal resistance (RθJA).
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
7.5
9
13.5
V
Supply voltage, VSS
–7.5
–9
–13.5
V
Supply voltage, VCC
4.5
5
5.5
V
High-level input voltage, VIH
Driver
1.9
V
Low-level input voltage, VIL
Driver
0.8
V
High level output current IOH
Driver
–6
mA
High-level output current, IOH
Receiver
–0.5
mA
High level output current IOL
Driver
6
mA
High-level output current, IOL
Receiver
16
mA
Operating free-air temperature,TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com