Electronic Components Datasheet Search
  English  ▼

X  

SN75207B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75207B
Description  DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75207B Datasheet(HTML) 2 Page - Texas Instruments

  SN75207B Datasheet HTML 1Page - Texas Instruments SN75207B Datasheet HTML 2Page - Texas Instruments SN75207B Datasheet HTML 3Page - Texas Instruments SN75207B Datasheet HTML 4Page - Texas Instruments SN75207B Datasheet HTML 5Page - Texas Instruments SN75207B Datasheet HTML 6Page - Texas Instruments SN75207B Datasheet HTML 7Page - Texas Instruments SN75207B Datasheet HTML 8Page - Texas Instruments SN75207B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN75207B
DUAL SENSE AMPLIFIER FOR MOS MEMORIES
OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SLLS096C – JULY 1973 – REVISED MARCH 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
2G
2B
2A
1G
1B
1A
S
8
11
12
5
2
1
6
EN
9
2Y
1Y
4
&
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
1Y
4
2Y
9
11
2B
12
2A
8
2G
5
1G
2
1B
1A
S
1
6
schematic (each receiver)
4 k
Ω
4.25 k
Ω
6
5, 8
GND
7
4, 9
3 k
Ω
3 k
Ω
800
Ω
1 k
Ω
760
Ω
4.8 k
Ω
120
Ω
1.6 k
Ω
400
Ω
1 k
Ω
1 k
Ω
13
VCC –
2, 11
B
Inputs
A
1, 12
14
VCC +
To Other Receiver
Y
G
S
Resistor values shown are nominal.
Common
To Both
Receivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com