Electronic Components Datasheet Search
  English  ▼

X  

SN75468 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75468
Description  DARLINGTON TRANSISTOR ARRAYS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75468 Datasheet(HTML) 2 Page - Texas Instruments

  SN75468 Datasheet HTML 1Page - Texas Instruments SN75468 Datasheet HTML 2Page - Texas Instruments SN75468 Datasheet HTML 3Page - Texas Instruments SN75468 Datasheet HTML 4Page - Texas Instruments SN75468 Datasheet HTML 5Page - Texas Instruments SN75468 Datasheet HTML 6Page - Texas Instruments SN75468 Datasheet HTML 7Page - Texas Instruments SN75468 Datasheet HTML 8Page - Texas Instruments SN75468 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN75468, SN75469
DARLINGTON TRANSISTOR ARRAYS
SLRS023B – DECEMBER 1976 – REVISED SEPTEMBER 1995
3–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic (each Darlington pair)
COM
C
E
3 k
Ω
7.2 k
Ω
RB
B
SN75468: RB = 2.7 kΩ
SN75469: RB = 10.5 kΩ
All resistor values shown are nominal.
absolute maximum ratings at 25
°C free-air temperature (unless otherwise noted)
Collector-emitter voltage, VCE
100 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak collector current (see Figures 14 and 15)
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total emitter-terminal current
– 2.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
N
1150 mW
9.2 mW/
°C
736 mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com