Electronic Components Datasheet Search
  English  ▼

X  

APL1830 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # APL1830
Description  PLL Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APL1830 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  APL1830 Datasheet HTML 1Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/1
www.asb.co.kr
March 2004
Plerow APL1830
PLL Module
Parameter
Unit
Min.
Typical
Max.
Frequency Range
MHz
1830
Output Power
dBm
3
4
5
Supply Voltage
V
4.7
5.0
5.3
Current Consumption
mA
19
30
Channel Step Size
kHz
100
2
nd Harmonics
dBc
-25
-20
Spurious Level
dBc
-78
-70
Lock Time
ms
3
10
Reference Frequency
MHz
10
Reference Input Level
dBm
-5
0
5
Phase Noise (C / N)
@ 10 kHz
dBc/Hz
-106
-103
-100
@ 100 kHz
dBc/Hz
-123
-120
-117
Output Impedance
Ω
50
Operating Temp. Range
°C
-40
25
85
Package Type & Size
mm
SMT, 19.0W
×19.0L×5.8H
1) Measurement conditions are as follows: T = 25
°C, VCC = 5 V, Freq. = 1830 MHz, 50 ohm system.
Dimension (mm)
A
19.0
B
19.0
C
5.8
D
1.5
E
0.5
F
1.75
G
1.35
H
15.0
I
0.9
Tolerance:
± 0.2
Pin Configuration
1
CLOCK
2
DATA
3
ENABLE
4
OSC IN
9
VCC (VCO)
13
RF OUT
15
VCP (PLL)
16
LOCK DETECT
Others
Ground
Features
Specifications
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7220
Fax: (82) 42-528-7222
ASB, Inc., 4
th Fl. Venture Town
Bldg, KT HRDC, 367-17
Goijeong-Dong, Seo-Gu,
Daejeon, 302-716, Korea
More Information
Outline Drawing
·
+4 dBm Output Level at 1830 MHz
·
Channel Step Size : 100 kHz
·
2
nd Harmonic : < -20 dBc
·
Spurious Level : < -70 dBc
·
Lock Time : < 10 ms
·
19 mA Current Consumption
A
F
E
D
C
B
HG
Top View
Side View
Bottom View
I
Description
The plerow
TM PLL synthesizer module was
designed for use in wireless and wireline
systems in a wide range of frequency from
50 MHz to 6 GHz. ASB’s PLL provides
exceptionally low spurious and phase noise
performance with fast locking time and low
current consumption. All products are
available in a surface-mount type package.


Similar Part No. - APL1830

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1830 ASB-APL1830_13 Datasheet
223Kb / 2P
PLL Synthesizer Module
June 2010
More results

Similar Description - APL1830

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1607 ASB-APL1607 Datasheet
162Kb / 1P
PLL Module
September 2007
APL1607.5 ASB-APL1607.5 Datasheet
84Kb / 1P
PLL Module
June 2008
APL1685 ASB-APL1685 Datasheet
250Kb / 2P
PLL Module
May 2009
APL1825-R ASB-APL1825-R Datasheet
81Kb / 1P
PLL Module
2006-06-14
APL1950.38 ASB-APL1950.38 Datasheet
81Kb / 1P
PLL Module
7/24/2006
APL2482-RT ASB-APL2482-RT Datasheet
81Kb / 1P
PLL Module
7/5/2006
APL2572 ASB-APL2572 Datasheet
139Kb / 1P
PLL Module
March 2004
APLT0730-T ASB-APLT0730-T Datasheet
127Kb / 1P
PLL Module
March 2007
APLT0830-RT ASB-APLT0830-RT Datasheet
147Kb / 1P
PLL Module
May 2008
APLT2040-RT ASB-APLT2040-RT Datasheet
157Kb / 1P
PLL Module
March 2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com