Electronic Components Datasheet Search
  English  ▼

X  

SN75437ANE Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75437ANE
Description  QUADRUPLE PERIPHERAL DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75437ANE Datasheet(HTML) 2 Page - Texas Instruments

  SN75437ANE Datasheet HTML 1Page - Texas Instruments SN75437ANE Datasheet HTML 2Page - Texas Instruments SN75437ANE Datasheet HTML 3Page - Texas Instruments SN75437ANE Datasheet HTML 4Page - Texas Instruments SN75437ANE Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN75436, SN75437A
QUADRUPLE PERIPHERAL DRIVERS
SLRS019A – DECMEBER 1986 – REVISED OCTOBER 1995
3–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagram (positive logic, each driver)
equivalent schematic of each input
A
Enable
G
To Three
Other Drivers
VCC
To One
Other Driver
Y
D
GND
VCC
Input
absolute maximum ratings over operating temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (see Note 1)
0.75 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp-diode current, IOK
1.25 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (off state)
70 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) 25
°C free-air temperature (see Note 2)
2075 mW
. . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16-inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All four sections of these circuits may conduct rated current simultaneously; however, power dissipation averaged over a short time
interval must fall within the continuous dissipation ratings.
2. For operation above 25
°C free-air temperature, derate linearly to 1328 mW at 70°C at the rate of 16.6 mW/°C.
recommended operating conditions
PARAMETER
SN75436
SN75437A
UNIT
PARAMETER
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
4.75
5
5.25
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
Output supply voltage in inductive switching circuit (see Figure 2) VS
50
35
V
Output supply voltage in inductive switching circuit (see Figure 2), VS
50
35
V
Output current, IO
0.5
0.5
A
Operating free-air temperature, TA
0
70
0
70
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com