Electronic Components Datasheet Search
  English  ▼

X  

SN75970B Datasheet(PDF) 13 Page - Texas Instruments

Part # SN75970B
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75970B Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75970B Datasheet HTML 9Page - Texas Instruments SN75970B Datasheet HTML 10Page - Texas Instruments SN75970B Datasheet HTML 11Page - Texas Instruments SN75970B Datasheet HTML 12Page - Texas Instruments SN75970B Datasheet HTML 13Page - Texas Instruments SN75970B Datasheet HTML 14Page - Texas Instruments SN75970B Datasheet HTML 15Page - Texas Instruments SN75970B Datasheet HTML 16Page - Texas Instruments SN75970B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SN75970B
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS323A – NOVEMBER 1999 – REVISED JANUARY 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Output
Input
TIMEOUT
15 pF
Input
Output
0 V
1.5 V
VCC
t0
t0
or
tP
tP
VOL
1.5 V
VOH
DRVBUS
tPHL
tPLH
RESET
TEST
DSENS,
BSEL, BBSY
RSTFLTR
TIMEOUT
DRVBUS
Figure 5. TIMEOUT to DRVBUS Delay Time Test Circuit and Timing Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com