Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS056 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS056
Description  TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS056 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75ALS056 Datasheet HTML 7Page - Texas Instruments SN75ALS056 Datasheet HTML 8Page - Texas Instruments SN75ALS056 Datasheet HTML 9Page - Texas Instruments SN75ALS056 Datasheet HTML 10Page - Texas Instruments SN75ALS056 Datasheet HTML 11Page - Texas Instruments SN75ALS056 Datasheet HTML 12Page - Texas Instruments SN75ALS056 Datasheet HTML 13Page - Texas Instruments SN75ALS056 Datasheet HTML 14Page - Texas Instruments SN75ALS056 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SN75ALS056, SN75ALS057
TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SLLS028G – AUGUST 1987 – REVISED JUNE 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TEST CIRCUIT
VOLTAGE WAVEFORMS
tPHL4
1.55 V
1.5 V
VO(An, Rn)
VI(Bn)
VOL
VOH
1 V
2 V
1.5 V
tPLH4
1.55 V
CL (includes jig capacitance)
(An,Rn)
VO
5 V
VI(Bn)
RL2
RL1
SN75ALS056
or
SN75ALS057
NOTE A: tr = tf ≤ 5 ns from 10% to 90%
Figure 4. Receiver Test Circuit and Voltage Waveforms
TEST CIRCUIT
VOLTAGE WAVEFORMS
tPZH2
tPZL2
1.5 V
1.5 V
1.5 V
0.5 V
0.5 V
tPLZ2
tPHZ2
1.5 V
0
3 V
VO(An, Rn)
VL
RL1
RL2
CL (includes jig capacitance)
(An,Rn)
VO
VI(CS, RE)
SN75ALS056
or
SN75ALS057
VO(An, Rn)
VI(CS, RE)
NOTE A: tr = tf ≤ 5 ns from 10% to 90%
Figure 5. Propagation Delay From CS to An or RE to Rn Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com