Electronic Components Datasheet Search
  English  ▼

X  

SN75477P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75477P
Description  DUAL PERIPHERAL DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75477P Datasheet(HTML) 4 Page - Texas Instruments

  SN75477P Datasheet HTML 1Page - Texas Instruments SN75477P Datasheet HTML 2Page - Texas Instruments SN75477P Datasheet HTML 3Page - Texas Instruments SN75477P Datasheet HTML 4Page - Texas Instruments SN75477P Datasheet HTML 5Page - Texas Instruments SN75477P Datasheet HTML 6Page - Texas Instruments SN75477P Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN75476 THRU SN75478
DUAL PERIPHERAL DRIVERS
SLRS025A – DECEMBER 1976 – REVISED NOVEMBER 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = –12 mA
– 0.95
– 1.5
V
VCC = 4.5 V,
IOL = 100 mA
0.16
0.3
VOL
Low-level output voltage
VCC = 4.5 V,
VIH = 2 V,
IOL = 175 mA
0.22
0.5
V
VIL = 0.8 V
IOL = 300 mA
0.33
0.6
VO(BR)
Output breakdown voltage
VCC = 4.5 V,
IOH = 100 µA
70
100
V
VR(K)
Output clamp reverse voltage
VCC = 4.5 V,
IR = 100 µA
70
100
V
VF(K)
Output clamp forward voltage
VCC = 4.5 V,
IF = 300 mA
0.8
1.15
1.6
V
IOH
High level output current
VCC = 4.5 V,
VIH = 2 V,
1
100
µA
IOH
High-level output current
CC
,
VIL = 0.8 V,
IH
,
VOH = 70 V
1
100
µA
IIH
High-level input current
VCC = 5.5 V,
VI = 5.5 V
0.01
10
µA
IIL
Low level input current
A input
VCC =5 5V
VI =0 8 V
–80
–110
µA
IIL
Low-level input current
S input
VCC = 5.5 V,
VI = 0.8 V
– 160
– 220
µA
SN75476
VI = 5 V
10
17
ICCH
Supply current, outputs high
SN75477
VCC = 5.5 V
VI = 0
10
17
mA
SN75478
VI = 5 V
10
17
SN75476
VI = 0
54
75
ICCL
Supply current, outputs low
SN75477
VCC = 5.5 V
VI = 5 V
54
75
mA
SN75478
VI = 0
54
75
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
200
350
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 15 pF,
RL = 100 Ω,
200
350
ns
tTLH
Transition time, low-to-high-level output
L
,
See Figure 1
L
,
50
125
ns
tTHL
Transition time, high-to-low-level output
90
125
ns
VOH
High level output voltage after switching
VS = 55 V,
IO ≈ 300 mA,
VS 18
mV
VOH
High-level output voltage after switching
S
,
See Figure 2
O
,
VS – 18
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com