Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS170 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS170
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS170 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS170 Datasheet HTML 2Page - Texas Instruments SN75ALS170 Datasheet HTML 3Page - Texas Instruments SN75ALS170 Datasheet HTML 4Page - Texas Instruments SN75ALS170 Datasheet HTML 5Page - Texas Instruments SN75ALS170 Datasheet HTML 6Page - Texas Instruments SN75ALS170 Datasheet HTML 7Page - Texas Instruments SN75ALS170 Datasheet HTML 8Page - Texas Instruments SN75ALS170 Datasheet HTML 9Page - Texas Instruments SN75ALS170 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN75ALS170, SN75ALS170A
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SLLS055D – AUGUST 1987 – REVISED SEPTEMBER 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ALS170
RL = 54 Ω,
CL = 50 pF,
3
8
13
ALS170A
L
,
TA =25°C,
L
,
See Figure 3
5.5
8
10.5
td(OD)
Differential output delay time
ALS170
RL1 = RL3 = 165 Ω,
CL =60 pF
RL2 = 75 Ω,
TA =25°C
3
8
13
ns
ALS170A
CL = 60 pF,
See Figure 4
TA =25°C,
5.5
8
10.5
t k( )
Pulse skew‡
RL = 54 Ω,
See Figure 3
CL = 50 pF,
1
5
ns
tsk(p)
Pulse skew‡
RL1 = RL3 = 165 Ω,
CL = 60 pF,
RL2 = 75 Ω,
See Figure 4
1
5
ns
§
ALS170
RL = 54 Ω,
CL = 50 pF,
10
t k(li )
Skew limit§
ALS170A
L
,
See Figure 3
L
,
5
ns
tsk(lim)
Skew limit§
ALS170
RL1 = RL3 = 165 Ω,
RL2 = 75 Ω,
10
ns
ALS170A
L1
L3
,
CL = 60 pF,
L2
,
See Figure 4
5
tt(OD)
Differential output transition time
RL = 54 Ω,
See Figure 3
CL = 50 pF,
3
8
13
ns
tt(OD)
Differential-output transition time
RL1 = RL3 = 165 Ω,
CL = 60 pF,
RL2 = 75 Ω,
See Figure 4
3
8
13
ns
† All typical values are at VCC = 5 V and TA = 25°C.
‡ Pulse skew is defined as the | td(ODH)–td(ODL)| of each channel.
§ Skew limit is the maximum difference in propagation delay times between any two channels of one device and between any two devices. This
parameter is applicable at one VCC and operating temperature within the recommended operating conditions.
SYMBOL EQUIVALENTS
DATA SHEET PARAMETER
EIA/TIA-422-B
RS-485
VO
Voa, Vob
Voa, Vob
| VOD1 |
VO
VO
| VOD2 |
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
| VOD3 |
Vt (Test Termination
Measurement 2)
Vtest
Vtst
∆ | VOD |
|| Vt | – | Vt ||
|| Vt | – | Vt ||
VOC
| Vos |
| Vos |
∆ | VOC |
| Vos – Vos |
| Vos – Vos |
IOS
| Isa |, | Isb |
IO
| Ixa |, | Ixb |
Iia, Iib



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com