Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS174A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS174A
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS174A Datasheet(HTML) 6 Page - Texas Instruments

  SN75ALS174A Datasheet HTML 1Page - Texas Instruments SN75ALS174A Datasheet HTML 2Page - Texas Instruments SN75ALS174A Datasheet HTML 3Page - Texas Instruments SN75ALS174A Datasheet HTML 4Page - Texas Instruments SN75ALS174A Datasheet HTML 5Page - Texas Instruments SN75ALS174A Datasheet HTML 6Page - Texas Instruments SN75ALS174A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN75ALS174A
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS122E – JULY 1991 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPZL
RL = 110 Ω
0 V or 3 V
Output
VOL
Output
VOLTAGE WAVEFORMS
TEST CIRCUIT
50
Ω
Input
0 V
3 V
Generator
(see Note A)
S1
5 V
CL = 50 pF
(see Note B)
1.5 V
1.5 V
2.3 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, ZO = 50 Ω, duty cycle = 50%, tf ≤ 5 ns,
tr ≤ 5 ns.
B. CL includes probe and stray capacitance.
5 V
tPLZ
0.5 V
Figure 4. Test Circuit and Voltage Waveforms, tPZL and tPLZ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com