Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS171J Datasheet(PDF) 13 Page - Texas Instruments

Part # SN75ALS171J
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS171J Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75ALS171J Datasheet HTML 9Page - Texas Instruments SN75ALS171J Datasheet HTML 10Page - Texas Instruments SN75ALS171J Datasheet HTML 11Page - Texas Instruments SN75ALS171J Datasheet HTML 12Page - Texas Instruments SN75ALS171J Datasheet HTML 13Page - Texas Instruments SN75ALS171J Datasheet HTML 14Page - Texas Instruments SN75ALS171J Datasheet HTML 15Page - Texas Instruments SN75ALS171J Datasheet HTML 16Page - Texas Instruments SN75ALS171J Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SN75ALS171, SN75ALS171A
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SLLS056D – AUGUST 1987 – REVISED SEPTEMBER 1995
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
2 k
Ω
S2
5 V
S3
1N916 or Equivalent
5 k
Ω
CL = 15 pF
(see Note B)
50
Ω
S1
1.5 V
– 1.5 V
Generator
(see Note A)
tPZL
1.5 V
1.5 V
3 V
0 V
VOL
S1 to – 1.5 V
S2 Closed
S3 Open
tPZH
1.5 V
1.5 V
S1 to 1.5 V
S2 Open
S3 Closed
Input
0 V
3 V
Output
0 V
VOH
VOL
0.5 V
1.5 V
0 V
3 V
S1 to – 1.5 V
S2 Closed
S3 Closed
tPLZ
VOH
tPHZ
S1 to 1.5 V
S2 Closed
S3 Closed
3 V
0 V
1.5 V
0.5 V
Input
Output
≈ 1.3 V
Input
Output
Input
Output
≈ 4.5 V
≈ 1.3 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns,
tf ≤ 6 ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 10. Receiver Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com