Electronic Components Datasheet Search
  English  ▼

X  

75220 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75220
Description  1.85 by 1.85mm (.073 by .073") Pitch GbX짰 Module-to-Backplane Connector System In 4- and 5-Pair Columns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75220 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75220 Datasheet HTML 1Page - Molex Electronics Ltd. 75220 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
■
Internetworking Equipment:
- Servers, Hubs, and Routers
■
Telecommunications Equipment:
- Central Office, Cellular Infrastructure and
Multi-platform Service (DSL, Cable Data) systems
■
Medical Diagnostic Equipment
■
Test and Measurement Equipment
ORDERING INFORMATION
Daughtercard Assembly
4-Pair
5-Pair
Signal wafers, power modules and guide modules
sequentially assigned by application
75220-XXXX
(Wafer 75221-0001 for reference information only)
75360-XXXX
(Wafer 75361-0001 for reference information only)
Backplane Signal Header
4-Pair (8 Circuits per Column)*
5-Pair (10 Circuits per Column)*
Order No.
Circuits
Order No.
Circuits
10-Column Open
75235-0104
80
75237-0104
100
25-Column Open
75235-0204
200
75237-0204
250
10-Column Guide Left
75235-2104
80
75237-2104
100
25-Column Guide Left
75235-2204
200
75237-2204
250
10-Column Guide Right
75235-4104
80
75237-4104
100
25-Column Guide Right
75235-4204
200
75237-4204
250
Backplane Power and Guide
Components
4-Pair
5-Pair
Order No.
Circuits
Order No.
Circuits
Power
75341-4444
8
75510-4444
10
Stand-Alone Guide Pin
75234-0469
75234-0469
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at www.molex.com/product/backplan/gbx.html
Order No. USA-250
Printed in USA/2.5K/JI/JI/2004.07
©
2004, Molex
1.85 by 1.85mm
(.073 by .073") Pitch
GbX® Module-to-Backplane
Connector System
In 4- and 5-Pair Columns
75220, 75360 Daughtercard
Assemblies
75235, 75237 Backplane
Signal Headers
75341, 75510 Backplane
Power
*Note: Multiple keying options available. Contact Molex for details.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com