Electronic Components Datasheet Search
  English  ▼

X  

75ALS181 Datasheet(PDF) 8 Page - Texas Instruments

Part # 75ALS181
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

75ALS181 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 75ALS181 Datasheet HTML 4Page - Texas Instruments 75ALS181 Datasheet HTML 5Page - Texas Instruments 75ALS181 Datasheet HTML 6Page - Texas Instruments 75ALS181 Datasheet HTML 7Page - Texas Instruments 75ALS181 Datasheet HTML 8Page - Texas Instruments 75ALS181 Datasheet HTML 9Page - Texas Instruments 75ALS181 Datasheet HTML 10Page - Texas Instruments 75ALS181 Datasheet HTML 11Page - Texas Instruments 75ALS181 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN75ALS181
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS152B – DECEMBER 1992 – REVISED APRIL 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
1.5 V
VOH
tPHZ
tPZH
0 V
3 V
1.5 V
2.3 V
Output
Input
Output
S1
0 V or 3 V
(see Note B)
CL= 50 pF
110
Ω
RL =
50
Ω
(see Note A)
Generator
Voff ≈ 0 V
0.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tr ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 4. Driver Enable and Disable Times
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOL
tPLZ
tPZL
5 V
0.5 V
2.3 V
0 V
3 V
1.5 V
1.5 V
5 V
Output
Input
Output
S1
0 V or 3 V
(see Note B)
CL= 50 pF
50
Ω
(see Note A)
Generator
RL = 110 Ω
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tr ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 5. Driver Enable and Disable Times
–IOH
VOH
+IOL
VOL
VID
Figure 6. Receiver, VOH and VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com