Electronic Components Datasheet Search
  English  ▼

X  

IS121 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS121
Description  HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS121 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS121 Datasheet HTML 1Page - ISOCOM COMPONENTS IS121 Datasheet HTML 2Page - ISOCOM COMPONENTS IS121 Datasheet HTML 3Page - ISOCOM COMPONENTS IS121 Datasheet HTML 4Page - ISOCOM COMPONENTS IS121 Datasheet HTML 5Page - ISOCOM COMPONENTS IS121 Datasheet HTML 6Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.4
V
I
F = 20mA
Reverse Voltage (V
R)
4
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 4V
Output
Collector-emitter Breakdown (BV
CEO)
35
V
I
C = 0.1mA
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 10µA
Collector-emitter Dark Current (I
CEO)
100
nA
V
CE = 20V
Coupled
Current Transfer Ratio (CTR)
50
600
%
5mA I
F , 5V VCE
Optional CTR Grades: IS121A
80
160
%
5mA I
F , 5V VCE
IS121B
130
260
%
5mA I
F , 5V VCE
IS121C
200
400
%
5mA I
F , 5V VCE
IS121D
300
600
%
5mA I
F , 5V VCE
Collector-emitterSaturationVoltageV
CE (SAT)
0.2
V
20mA I
F , 1mA IC
Input to Output Isolation Voltage V
ISO
3750
V
RMS
See note 1
5300
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Output Rise Time
tr
4
18
µs
V
CE = 2V ,
Output Fall Time
tf
3
18
µs
I
C = 2mA, RL = 100Ω
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-40°C to + 125°C
Operating Temperature
-30°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs)
260°C
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
35V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
170mW
(derate linearly 2.26mW/°C above 25°C)
Note 1
Measured with input leads shorted together and output leads shorted together.
DB92843l-AAS/A3
22/4/02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com