Electronic Components Datasheet Search
  English  ▼

X  

ISA20 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ISA20
Description  Telecommunications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISA20 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ISA20 Datasheet HTML 1Page - ISOCOM COMPONENTS ISA20 Datasheet HTML 2Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6/12/06
DC93070
7.62
8.6
8.2
DESCRIPTION
The ISA20 is a 1-Form A solid state relay in a 6
pin DIL package. The ISA20 utilises MOSFET
technology that is optically coupled to a highly
efficient GaAlAs infrared light emitting diode.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High operating Current (200mA)
l
High Isolation Voltage (3.75kV
RMS )
l
No moving parts
l
High reliability
l
Arc-Free without snubber circuits
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Telecommunications
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
1
3
4
6
2
5
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-40°C to + 100°C
Operating Temperature
-40°C to + 85°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
50mA
Reverse Voltage
5V
OUTPUTMOSFET
Load Voltage ( AC peak or DC )
200V
Continous Load Current
200mA
Peak Current ( 10mS )
400mA
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
10.46
9.86
0.26
0.6
0.1
1.25
0.75
Dimensions in mm
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com
ISA20
ISOCOM COMPONENTSASIALTD
Hong Kong Office, 1712-1713
Laurels Industrial Centre, 32 Tai Yau Street,
San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail sales@isocom.com.hk
6
5
4
1
2
3
8.8
0.47
5.08
ISA20


Similar Part No. - ISA20

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISA2166AM1 ISAHAYA-ISA2166AM1 Datasheet
123Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2166AU1 ISAHAYA-ISA2166AU1 Datasheet
158Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2188AM1 ISAHAYA-ISA2188AM1 Datasheet
151Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2188AU1 ISAHAYA-ISA2188AU1 Datasheet
163Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2191AT2 ISAHAYA-ISA2191AT2 Datasheet
143Kb / 3P
Transistor
More results

Similar Description - ISA20

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_07 Datasheet
117Kb / 5P
Telecommunications
logo
ISOCOM COMPONENTS
ISA06 ISOCOM-ISA06 Datasheet
78Kb / 2P
Telecommunications
ISA60 ISOCOM-ISA60 Datasheet
78Kb / 2P
Telecommunications
ISB35 ISOCOM-ISB35 Datasheet
78Kb / 2P
Telecommunications
ISPA06 ISOCOM-ISPA06 Datasheet
217Kb / 2P
Telecommunications
ISPA20 ISOCOM-ISPA20 Datasheet
217Kb / 2P
Telecommunications
ISPA40 ISOCOM-ISPA40 Datasheet
217Kb / 2P
Telecommunications
ISDB40 ISOCOM-ISDB40 Datasheet
68Kb / 2P
Telecommunications
logo
Z-Communications, Inc
PSA3345C-LF ZCOMM-PSA3345C-LF Datasheet
86Kb / 2P
Telecommunications
PSA3920C-LF ZCOMM-PSA3920C-LF Datasheet
73Kb / 2P
Telecommunications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com