Electronic Components Datasheet Search
  English  ▼

X  

ISPB40 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # ISPB40
Description  Telecommunications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISPB40 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  ISPB40 Datasheet HTML 1Page - ISOCOM COMPONENTS ISPB40 Datasheet HTML 2Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC93084
PARAMETER
MIN
TYP MAX UNITS TEST CONDITION
Input
Forward Voltage (V
F)
1.0
1.4
V
I
F = 10mA
Reverse Current (I
R)
10
µA
V
R = 5V
Output
On state Resistance ( Ron )
50
Ohm
I
F = 10mA, IL = 100mA
Off state Leakage Current (I
LK)
1
uA
I
F = 0mA, IV = 350V
Turn-On Time ( Ton )
??
??
mS
I
F = 10mA, IL = 100mA
Turn-Off Time ( Toff )
??
??
mS
I
F = 10mA, IL = 100mA
Ouput Capacitance
150
pF
f = 1MHz
Coupled
Capacitance
1.0
pF
f = 1MHz
Isolation Voltage
3750
Vrms
1 minute ( Note 1 )
Isolation Resistance
5
Gohm
DC= 500V ( Note 1 )
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
13/2/07
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com