Electronic Components Datasheet Search
  English  ▼

X  

87696 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 87696
Description  PowerPlusTM (SSI) Expandable Power & Signal Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

87696 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  87696 Datasheet HTML 1Page - Molex Electronics Ltd. 87696 Datasheet HTML 2Page - Molex Electronics Ltd. 87696 Datasheet HTML 3Page - Molex Electronics Ltd. 87696 Datasheet HTML 4Page - Molex Electronics Ltd. 87696 Datasheet HTML 5Page - Molex Electronics Ltd. 87696 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(1) Gender
- Plug (Male)
- Receptacle (Female)
(2) Connector Orientation
- Vertical
- Right Angle
(3) Termination Method
- Through Hole
- Press-Fit
(4) Type
- Power-Signal-Power (P-S-P)
- Power(Alpha)-Signal (Pa-S)
- All Power (AP)
- Signal-Power(Beta) (S-Pb)
- AC Power/DC Power (AC/DC)
(5) Power & Signal
- Number of power at Alpha. Example, 2 power pins at Alpha = 2 Pa
- Number of Signal pins. Example, 24 signal pins = 24 S
- Number of power at Beta. Example, 3 power pins at Beta = 3 Pb
(6) Recess
- Recess Power only on Receptacle Power Alpha or Beta. Example, Recess Pa #1, Pb #3 etc.
- Recess Signal only on Plug. Example, Recess Signal at A3, B4 etc.
(7) Retention to PCB
- Board Lock
- Screw Mount
(8) Guide Post
- With Guide Post
- Without Guide Post
(9) Pitch
-
DC Power: 6.35mm (.25”) Pitch / 5.08mm(.20”) Pitch
-
AC Power: 7.62mm (.30”) Pitch
1 2 3 4 5 6
A
B
C
D
SELECTION GUIDE
PowerPlusTM (SSI) Expandable Power & Signal Connectors
Plug Recess Signal
Receptacle Recess Power



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com