Electronic Components Datasheet Search
  English  ▼

X  

SN75C185 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C185
Description  LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C185 Datasheet(HTML) 1 Page - Texas Instruments

  SN75C185 Datasheet HTML 1Page - Texas Instruments SN75C185 Datasheet HTML 2Page - Texas Instruments SN75C185 Datasheet HTML 3Page - Texas Instruments SN75C185 Datasheet HTML 4Page - Texas Instruments SN75C185 Datasheet HTML 5Page - Texas Instruments SN75C185 Datasheet HTML 6Page - Texas Instruments SN75C185 Datasheet HTML 7Page - Texas Instruments SN75C185 Datasheet HTML 8Page - Texas Instruments SN75C185 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN75C185
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SLLS065F – AUGUST 1989 – REVISED JANUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
D Single Chip With Easy Interface Between
UART and Serial-Port Connector
D Less Than 9-mW Power Consumption
D Wide Driver Supply Voltage . . . 4.5 V to
13.2 V
D Driver Output Slew Rate Limited to
30 V/
µs Max
D Receiver Input Hysteresis ...1100 mV Typ
D Push-Pull Receiver Outputs
D On-Chip Receiver 1-µs Noise Filter
D Functionally Interchangeable With Texas
Instruments SN75185
D Operates Up to 120 kbit/s Over a 3-Meter
Cable (See
Application Information for
Conditions)
description
The SN75C185 is a low-power BiMOS device containing three independent drivers and five receivers that are
used to interface data terminal equipment (DTE) with data circuit-terminating equipment (DCE). Typically, the
SN75C185 replaces one SN75188 and two SN75189 devices. This device conforms to TIA/EIA-232-F. The
drivers and receivers of the SN75C185 are similar to those of the SN75C188 and SN75C189A, respectively.
The drivers have a controlled output slew rate that is limited to a maximum of 30 V/
µs, and the receivers have
filters that reject input noise pulses that are shorter than 1
µs. Both these features eliminate the need for external
components.
The SN75C185 uses the low-power BiMOS technology. In most applications, the receivers contained in this
device interface to single inputs of peripheral devices such as ACEs, UARTS, or microprocessors. By using
sampling, such peripheral devices usually are insensitive to the transition times of the input signals. If this is not
the case, or for other uses, it is recommended that the SN75C185 receiver outputs be buffered by single Schmitt
input gates or single gates of the HCMOS, ALS, or 74F logic families.
The SN75C185 is characterized for operation from 0
°C to 70°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
RA1
RA2
RA3
DY1
DY2
RA4
DY3
RA5
VSS
VCC
RY1
RY2
RY3
DA1
DA2
RY4
DA3
RY5
GND
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75C185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185 TI-SN75C185 Datasheet
305Kb / 13P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185 Datasheet
1Mb / 18P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI2-SN75C185 Datasheet
666Kb / 18P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
REVISED JANUARY 2000
SN75C185DW TI-SN75C185DW Datasheet
305Kb / 13P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185DW TI1-SN75C185DW Datasheet
1Mb / 18P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75C185

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
Jun-2000
logo
Texas Instruments
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com