Electronic Components Datasheet Search
  English  ▼

X  

1SMB100AT3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 1SMB100AT3
Description  PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMB100AT3 Datasheet(HTML) 3 Page - Motorola, Inc

  1SMB100AT3 Datasheet HTML 1Page - Motorola, Inc 1SMB100AT3 Datasheet HTML 2Page - Motorola, Inc 1SMB100AT3 Datasheet HTML 3Page - Motorola, Inc 1SMB100AT3 Datasheet HTML 4Page - Motorola, Inc 1SMB100AT3 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GENERAL DATA — 600 WATT PEAK POWER
Motorola TVS/Zener Device Data
5-3
600 Watt Peak Power Data Sheet
NONREPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 2
tP, PULSE WIDTH
1
10
100
0.1
µs1 µs10 µs
100
µs
1 ms
10 ms
0.1
Figure 1. Pulse Rating
Curve
01
2
3
4
0
50
100
t, TIME (ms)
HALF VALUE –
IRSM
2
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50%
OF IRSM.
PEAK VALUE – IRSM
tr
tP
tr ≤ 10 µs
Figure 2. Pulse Waveform
TYPICAL PROTECTION CIRCUIT
Vin
VL
Zin
LOAD
Figure 3. Pulse Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
120
140
160
APPLICATION NOTES
RESPONSE TIME
In most applications, the transient suppressor device is
placed in parallel with the equipment or component to be
protected. In this situation, there is a time delay associated
with the capacitance of the device and an overshoot condition
associated with the inductance of the device and the
inductance of the connection method. The capacitive effect is
of minor importance in the parallel protection scheme because
it only produces a time delay in the transition from the
operating voltage to the clamp voltage as shown in Figure 4.
The inductive effects in the device are due to actual turn-on
time (time required for the device to go from zero current to full
current) and lead inductance. This inductive effect produces
an overshoot in the voltage across the equipment or
component being protected as shown in Figure 5. Minimizing
this overshoot is very important in the application, since the
main purpose for adding a transient suppressor is to clamp
voltage spikes. The SMB series have a very good response
time, typically < 1 ns and negligible inductance. However,
external inductive effects could produce unacceptable over-
shoot. Proper circuit layout, minimum lead lengths and placing
the suppressor device as close as possible to the equipment
or components to be protected will minimize this overshoot.
Some input impedance represented by Zin is essential to
prevent overstress of the protection device. This impedance
should be as high as possible, without restricting the circuit
operation.
DUTY CYCLE DERATING
The data of Figure 1 applies for non-repetitive conditions
and at a lead temperature of 25
°C. If the duty cycle increases,
the peak power must be reduced as indicated by the curves of
Figure 6. Average power must be derated as the lead or
ambient temperature rises above 25
°C. The average power
derating curve normally given on data sheets may be
normalized and used for this purpose.
At first glance the derating curves of Figure 6 appear to be in
error as the 10 ms pulse has a higher derating factor than the
10
µs pulse. However, when the derating factor for a given
pulse of Figure 6 is multiplied by the peak power value of
Figure 1 for the same pulse, the results follow the expected
trend.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com