Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC773 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75LBC773
Description  GEOPORTE TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC773 Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC773 Datasheet HTML 1Page - Texas Instruments SN75LBC773 Datasheet HTML 2Page - Texas Instruments SN75LBC773 Datasheet HTML 3Page - Texas Instruments SN75LBC773 Datasheet HTML 4Page - Texas Instruments SN75LBC773 Datasheet HTML 5Page - Texas Instruments SN75LBC773 Datasheet HTML 6Page - Texas Instruments SN75LBC773 Datasheet HTML 7Page - Texas Instruments SN75LBC773 Datasheet HTML 8Page - Texas Instruments SN75LBC773 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN75LBC773
GEOPORT
™ TRANSCEIVER
SLLS247C – FEBRUARY 1997 – NOVEMBER 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLES†
SINGLE-ENDED DRIVER
DIFFERENTIAL DRIVER
INPUT
OUTPUT
INPUT
ENABLE
OUTPUT
(DA1)
(DY1)
(DA2)
(DEN)
(DY2)
(DZ2)
H
L
H
L
H
L
L
H
L
L
L
H
OPEN
L
OPEN
L
H
L
X
H
Z
Z
X
OPEN
Z
Z
SINGLED-ENDED RECEIVER
DIFFERENTIAL RECEIVER
INPUT
(RA2, RA3)
ENABLE
(REN)
OUTPUT
(RY2) (RY3)
INPUT
(RA1) (RB1)
ENABLE
(REN)
OUTPUT
(RY1)
H
H
H
L
H
L
H
H
L
H
L
H
L
HH
L
OPEN
H
H
H
OPEN
H
H
SHORT‡
H
?
?
SHORT‡
H
?
X
L
Z
Z
X
XL
Z
X
OPEN
Z
Z
X
X
OPEN
Z
† H = high level, L = low level, X = irrelevant, ? = indeterminate, Z = high impedance (off)
‡ –0.2 V < VID < 0.2 V
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)§
Positive supply voltage range, VCC (see Note 1)
– 0.5 to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative supply voltage range, VEE (see Note 1)
– 7 to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver input voltage range (RA, RB)
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver differential input voltage range, VID
– 12 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver output voltage range (RY)
– 0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage range (Power Off) (DY1, DY2, DZ2)
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage range (Power On) (DY1, DY2, DZ2)
– 11 V to 11 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver input voltage range (DA, REN, DEN)
– 0.5 V to VCC +0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Discharge (All pins) Human Body Model (see Note 2)
6 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
§ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network ground terminal unless otherwise noted.
2. This rating is per MIL-PRF-38535, Method 3015.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com