Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC784 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LBC784
Description  QUADRUPLE RS-423-B DRIVER/RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC784 Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC784 Datasheet HTML 1Page - Texas Instruments SN75LBC784 Datasheet HTML 2Page - Texas Instruments SN75LBC784 Datasheet HTML 3Page - Texas Instruments SN75LBC784 Datasheet HTML 4Page - Texas Instruments SN75LBC784 Datasheet HTML 5Page - Texas Instruments SN75LBC784 Datasheet HTML 6Page - Texas Instruments SN75LBC784 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN75LBC784
QUADRUPLE RS-423-B DRIVER/RECEIVER
SLLS187A – NOVEMBER 1994 – REVISED AUGUST 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VDD
VSS
RL
CL
51
Ω
Input
Rws
Output
5 V
tTHL
tTLH
90%
90%
10% 10%
VOH
VOL
Output
Input
(see Note A and B)
GND
GND
3 V
0 V
Figure 1. Driver Transition Times
VDD
VSS
CL
Input
Output
tPHL
tPLH
Output
Input
(see Note A and C)
GND
GND
50%
50%
50%
50%
51
Ω
0.5 V
– 0.5 V
+
–
Figure 2. Receiver Propagation Delay Times
tTHL
tTLH
90% 90%
10%
10%
VOH
VOL
Output
Input
(see Note A and C)
VDD
VSS
CL
Input
Output
GND
GND
+
–
0.5 V
– 0.5 V
51
Ω
Figure 3. Receiver Transition Times
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: tr ≤ 10 nS, tf < 10 nS, Zo = 50 Ω, PRR ≥ 5 kHz, duty
cycle 50%, Vmax = 3 V, Vmin = 0 V.
C. The input pulse is supplied by a generator having the following characteristics: tr ≤ 10 nS, tf < 10 nS, Zo = 50 Ω, PRR ≥ 5 kHz, duty
cycle 50%, Vmax = 0.5 V, Vmin = – 0.5 V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com