Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC968 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC968
Description  9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC968 Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC968 Datasheet HTML 1Page - Texas Instruments SN75LBC968 Datasheet HTML 2Page - Texas Instruments SN75LBC968 Datasheet HTML 3Page - Texas Instruments SN75LBC968 Datasheet HTML 4Page - Texas Instruments SN75LBC968 Datasheet HTML 5Page - Texas Instruments SN75LBC968 Datasheet HTML 6Page - Texas Instruments SN75LBC968 Datasheet HTML 7Page - Texas Instruments SN75LBC968 Datasheet HTML 8Page - Texas Instruments SN75LBC968 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN75LBC968
9-CHANNEL BUS TRANSCEIVER
WITH ACTIVE TERMINATION
SLLS179C – APRIL 1994 – REVISED JANUARY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR†
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DL
2500 mW
20 mW/
°C
1600 mW
† Derating factors are the inverse of the junction-to-ambient thermal resistance when
board-mounted with no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Supply voltage, VCC1 (see Note 3)
3
5.25
V
Termination voltage, VTE
4.25
5.25
V
High-level input voltage, VIH
DE/RE, CE, A, B
2
V
Low-level input voltage, VIL
DE/RE, CE, A, B
0.8
V
High-level output current, IOH
A
–8
mA
Low level output current IOL
B
48
mA
Low-level output current, IOL
A
8
mA
Operating free-air temperature, TA
0
70
°C
NOTE 3: All electrical characteristics are measured with VCC1 = VCC unless otherwise noted.
driver electrical characteristics over recommended operating conditions (unless otherwise noted)
(see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = – 20 mA
2
V
VOL
Low-level output voltage
IOL = 48 mA
0.5
V
IIH
High-level input current
VIH = 2 V,
VCC = VCC1 = 5.25 V
– 100
µA
IIL
Low-level input current, A
VIL = 0.5 V,
VCC = VCC1 = 5.25 V
– 100
µA
IOZ
High impedance state output current
VO = 5.25 V,
VCC = VCC1 = 5.25 V
– 100
µA
IOZ
High-impedance-state output current
VO = 0 V,
VCC = VCC1 = 5.25 V
– 100
µA
termination electrical characteristics over recommended operating conditions (unless otherwise
noted) (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(OC)
Open-circuit output voltage
IO = 0 mA,
VCC = VCC1 = 0 V
2.5
2.85
3.24
V
VO = 0 V,
VCC = VCC1 = 0 V
–24
mA
IO
Output current
VO = 0.5 V,
VCC = VCC1 = 0 V
–20
–24
mA
IO
Output current
VO = 3 V,
VCC = VCC1 = 0 V
100
µA
VO = 4 V,
VCC = VCC1 = 0 V
2
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com