Electronic Components Datasheet Search
  English  ▼

X  

CTRJGU Datasheet(PDF) 3 Page - Central Technologies

Part # CTRJGU
Description  Integrated RJ45 Magnetic Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJGU Datasheet(HTML) 3 Page - Central Technologies

  CTRJGU Datasheet HTML 1Page - Central Technologies CTRJGU Datasheet HTML 2Page - Central Technologies CTRJGU Datasheet HTML 3Page - Central Technologies CTRJGU Datasheet HTML 4Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.07.06
MECHANICAL
Ø1.00x5
Ø2.31x4
Ø1.57x4
Ø0.90x10
P15 P14 P13
P12 P11
P1
P6
P7
P10
12
3
4
56
7
8
26.12
2.45
5.22
14.30
7.95
J1
J8
Right LED
Lift LED
17.42
2.50
2.00
7.00
8.13
13.13
1.14
2.03
9.38
14.46
16.13
Ø1.00x8
0.25x0.62
0.40x0.50
0.50x0.50
EMI Fingers
EMI Fingers
Suggested PCB Pad Layout
Component Side View
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
CTRJGU Series
CTRJGU27S1GOYNU1033



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com