Electronic Components Datasheet Search
  English  ▼

X  

CTSD14F Datasheet(PDF) 1 Page - Central Technologies

Part # CTSD14F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSD14F Datasheet(HTML) 1 Page - Central Technologies

  CTSD14F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.14.07
SPECIFICATIONS
Parts are available in ±20% tolerance only.
*Current for approximate 20% roll off at 20°C.
L Test
DCR
Part
Inductance
Freq.
Typ.
Isat*
Number
(µH ±20%)
(kHz)
(
Ω
Ω)
(A)
CTSD14F-R58M
0.58
100
0.0275
4.84
CTSD14F-R87M
0.87
100
0.0304
3.96
CTSD14F-1R2M
1.20
100
0.0430
3.35
CTSD14F-1R5M
1.50
100
0.0488
2.91
CTSD14F-2R0M
2.00
100
0.0556
2.56
CTSD14F-2R5M
2.50
100
0.0744
2.29
CTSD14F-3R2M
3.20
100
0.0829
2.08
CTSD14F-4R5M
4.50
100
0.1169
1.74
CTSD14F-6R9M
6.90
100
0.1704
1.41
CTSD14F-8R8M
8.80
100
0.2391
1.25
CTSD14F-100M
10.0
100
0.2573
1.18
CTSD14F-150M
15.0
100
0.3261
.969
CTSD14F-220M
22.0
100
0.4816
.793
CTSD14F-330M
33.0
100
0.7315
.651
CTSD14F-470M
47.0
100
1.1319
.538
CTSD14F-680M
68.0
100
1.3875
.449
CTSD14F-820M
82.0
100
1.8750
.407
CTSD14F-101M
100
100
2.100
.373
CTSD14F-151M
150
100
3.150
.301
CTSD14F-221M
220
100
4.713
.249
CTSD14F-331M
330
100
7.400
.203
CTSD14F-471M
470
100
10.425
.171
CTSD14F-681M
680
100
12.875
.142
CTSD14F-821M
820
100
17.375
.129
CTSD14F-102M
1000
100
19.750
.117
CTSD14F Series
From 0.58 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Digital cameras, CD players, cellular phones,
PDAs, PCMCIA cards, GPS systems, etc.
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +125°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
Inductance
Code
XXX
C
D
Size
A
B
C
D
Max.
Max.
Max.
Typ.
mm
5.2
5.2
1.45
1.5
inches
0.205
0.205
0.057
0.059
PHYSICAL DIMENSIONS
RoHS
Compliant
PAD LAYOUT
2.575
5.15
2.25
Unit: mm


Similar Part No. - CTSD14F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSD10F CT-CTSD10F Datasheet
172Kb / 1P
Power Inductors - Shielded
CTSD18F CT-CTSD18F Datasheet
500Kb / 1P
Power Inductors - Shielded
CTSD18F-100M CT-CTSD18F-100M Datasheet
500Kb / 1P
Power Inductors - Shielded
CTSD18F-101M CT-CTSD18F-101M Datasheet
500Kb / 1P
Power Inductors - Shielded
CTSD18F-102M CT-CTSD18F-102M Datasheet
500Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTSD14F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com