Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC971ADL Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75LBC971ADL
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC971ADL Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LBC971ADL Datasheet HTML 6Page - Texas Instruments SN75LBC971ADL Datasheet HTML 7Page - Texas Instruments SN75LBC971ADL Datasheet HTML 8Page - Texas Instruments SN75LBC971ADL Datasheet HTML 9Page - Texas Instruments SN75LBC971ADL Datasheet HTML 10Page - Texas Instruments SN75LBC971ADL Datasheet HTML 11Page - Texas Instruments SN75LBC971ADL Datasheet HTML 12Page - Texas Instruments SN75LBC971ADL Datasheet HTML 13Page - Texas Instruments SN75LBC971ADL Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SN75LBC971A
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS186B – OCTOBER 1994 – REVISED JULY 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Input
Output
0 V
1.5 V
VOL
RESET
DRVBUS
SDB
1.5 V
ADB0 –
ten(TX)
BDB0 +
BDB0 –
BDB1,2,3,4,5,7 +
ADB1,2,3,4,5,7–
and
BDB1,2,3,4,5,7 –
ADB6 –
BDB6 +
BDB6 –
VOH
≈3 V
ten(TX)
BDB0 –
BDB6 –
Output
Output
Input
Figure 7. Receive-to-Transmit (ten(TX)) Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com