Electronic Components Datasheet Search
  English  ▼

X  

CTSPT-L Datasheet(PDF) 1 Page - Central Technologies

Part # CTSPT-L
Description  Toroids - Surface Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSPT-L Datasheet(HTML) 1 Page - Central Technologies

  CTSPT-L Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroids - Surface Mount
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.14.06
SPECIFICATIONS
CTSPT~~LF Please specify “F” for RoHS Compliant
Inductance
Current
Inductance
DCR
(no DC) ±20%.
DC
(w/ DC) Typ.
Max.
Size
Part Number
(µH)
(Amp.)
(µH)
(
Ω
Ω)
Code
CTSPT20L_-702M
7.0
1.40
6.20
0.070
M
CTSPT20L_-233M
23
1.00
17.6
0.125
M
CTSPT30L_-353M
35
1.40
29.7
0.166
N
CTSPT38L_-733M
73
1.30
58.1
0.290
O
CTSPT30L_-174M
170
0.94
114
0.380
N
CTSPT38L_-294M
290
0.90
192
0.560
O
CTSPT38L_-674M
670
0.72
383
0.862
O
CTSPT44L_-115M
1100
0.74
645
1.250
P
CTSPT50L_-205M
2000
0.71
1070
1.700
Q
CTSPT20L_-112M
1.1
3.40
1.01
0.011
M
CTSPT30L_-123M
12
2.80
9.4
0.043
N
CTSPT38L_-223M
22
2.70
16.2
0.063
O
CTSPT44L_-413M
41
2.70
29.1
0.085
P
CTSPT50L_-733M
73
2.60
50.0
0.133
Q
CTSPT30L_-522M
5.2
4.80
3.8
0.017
N
CTSPT38L_-752M
7.5
5.40
5.1
0.018
O
CTSPT44L_-143M
14
5.50
9.0
0.022
P
CTSPT50L_-263M
26
5.10
16.1
0.032
Q
CTSPT38L_-382M
3.8
8.00
2.5
0.008
O
CTSPT44L_-792M
7.9
7.80
4.9
0.012
P
CTSPT50L_-163M
16
7.20
9.3
0.019
Q
CTSPT-L
From 1.1 µH to 2000 µH
CHARACTERISTICS
Description: Surface mount standard toroidal inductor.
Applications: For use in DC/DC converters, notebooks,
computers, and mobile appliances. Boost and buck switcher.
Designed for SMD pick and place mounting and reflow soldering.
Operating Temperature: -40°C to +130°C
Testing: Tested on an HP4284A at 100 kHz 0.1 Vrms
Electrical Specification: @ 25°C
Temperature Rise: 55°C typical at Idc and 25°C ambient
temperature.
Miscellaneous: RoHS Compliant available. Meets UL94V-0.
Operating frequency up to 1 MHz.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Not shown at actual size.
PHYSICAL DIMENSIONS (inch)
B
2x0.060“
A
C
D±0.015“
0.005“ (4 surfaces)
F±0.005“
Suggested PCB Layout
Size
A
B
C
D
E
F
Code
Max.
Max.
Max.
M
0.340
0.340
0.270
0.260
0.300
0.270
N
0.435
0.440
0.360
0.350
0.400
0.360
O
0.560
0.565
0.360
0.450
0.520
0.460
P
0.590
0.615
0.390
0.500
0.550
0.510
Q
0.670
0.700
0.390
0.580
0.620
0.590
RoHS
Compliant
Available


Similar Part No. - CTSPT-L

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSPT-H CT-CTSPT-H Datasheet
204Kb / 1P
Toroids - Surface Mount
More results

Similar Description - CTSPT-L

ManufacturerPart #DatasheetDescription
logo
API Delevan
CMT4545 API-CMT4545 Datasheet
40Kb / 1P
Surface Mount Toroids
logo
Central Technologies
CTSPT-H CT-CTSPT-H Datasheet
204Kb / 1P
Toroids - Surface Mount
logo
API Delevan
4448R API-4448R Datasheet
1Mb / 1P
Surface Mount High Current Power Toroids
4501R API-4501R Datasheet
1Mb / 1P
Surface Mount Low-Profile Power Toroids
logo
Fair-Rite Products Corp...
5967001901 FAIR-RITE-5967001901 Datasheet
1Mb / 2P
Toroids
5968001101 FAIR-RITE-5968001101 Datasheet
1Mb / 2P
Toroids
logo
RENCO ELECTRONICS, INC.
RL-5011 RENCO-RL-5011 Datasheet
383Kb / 2P
COMMON MODE TOROIDS VERTICAL MOUNT
RL-5012 RENCO-RL-5012 Datasheet
1Mb / 2P
COMMON MODE TOROIDS VERTICAL MOUNT
RL-5013 RENCO-RL-5013 Datasheet
1Mb / 2P
COMMON MODE TOROIDS VERTICAL MOUNT
RL-5014 RENCO-RL-5014 Datasheet
1Mb / 2P
COMMON MODE TOROIDS VERTICAL MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com