Electronic Components Datasheet Search
  English  ▼

X  

TAFE1040 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAFE1040
Description  3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAFE1040 Datasheet(HTML) 3 Page - Texas Instruments

  TAFE1040 Datasheet HTML 1Page - Texas Instruments TAFE1040 Datasheet HTML 2Page - Texas Instruments TAFE1040 Datasheet HTML 3Page - Texas Instruments TAFE1040 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAFE1040
3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
SLVS284 – FEBRUARY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADCCLK
25
I
ADC clock input
DGND
5
Digital ground
AGND1
44
Analog ground for internal CDS circuits
AGND2
4
Analog ground for internal PGA circuits
AGND3
20
Analog ground for internal DAC circuits
AGND4
32
Analog ground for internal ADC circuits
AGND5
37
Analog ground for internal REF circuits
AVDD1
43
Analog supply voltage for internal CDS circuits, 3 V
AVDD2
3
Analog supply voltage for internal PGA circuits, 3 V
AVDD3
19
Analog supply voltage for internal DAC circuits, 3 V
AVDD4
33
Analog supply voltage for internal ADC circuits, 3 V
AVDD5
41
Analog supply voltage for internal ADC circuits, 3 V
BLKG
36
I
Control input. The CDS operation is disabled when the BLKG is pulled low.
CLAMP
47
I
CCD signal clamp control input
CLREF
48
O
Clamp reference voltage output
CS
28
I
Chip select. A logic low on this input enables the TLV097A.
DACO1
21
O
Digital-to-analog converter output1
DACO2
22
O
Digital-to-analog converter output2
DIGND
18
Digital interface circuit ground
DIN
1
I
Input signal from CCD
DIVDD
17
Digital interface circuit supply voltage, 1.8 V–4.4 V
DVDD
6
Digital supply voltage, 3 V
D0–D9
7–16
O
10-Bit 3-state ADC output data or offset DACs test data
OBCLP
31
I
Optical black level and offset calibration control input. Active low
OE
24
I
Output data enable. Active low
PIN
2
I
Input signal from CCD
RBD
38
O
Internal bandgap reference for external decoupling
RESET
29
I
Hardware reset input, active low. This signal forces a reset of all internal registers.
RMD
39
O
REF– output for external decoupling
RPD
40
O
Ref+ output for external decoupling
SCKP
23
I
This pin selects the polarity of SCLK. 0 – active low (high when SCLK is not running), 1 – active high (low when
SCLK is not running)
SCLK
26
I
Serial clock input. This clock synchronizes the serial data transfer.
SDIN
27
I
Serial data input to configure the internal registers
SR
45
I
CCD reference level sample clock input
STDY
30
I
Hardware power-down control input, active low
SV
46
I
CCD signal level sample clock input
TPM
34
O
Mux’ed test output: PGA noninverting output or inverted PGA clock
TPP
35
O
Mux’ed test output: PGA inverting output or inverted CDS clock
VSS
42
Silicon substrate, normally connected to analog ground



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com