Electronic Components Datasheet Search
  English  ▼

X  

BAT54SWT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BAT54SWT1
Description  30 VOLT DUAL SERIES SCHOTTKY BARRIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BAT54SWT1 Datasheet(HTML) 1 Page - Motorola, Inc

  BAT54SWT1 Datasheet HTML 1Page - Motorola, Inc BAT54SWT1 Datasheet HTML 2Page - Motorola, Inc BAT54SWT1 Datasheet HTML 3Page - Motorola, Inc BAT54SWT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5–1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Dual Series Schottky
Barrier Diodes
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ IF = 10 mAdc
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
200
1.6
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
BAT54SWT1 = B8
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
—
—
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
—
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
—
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
—
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
—
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
—
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
—
—
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
—
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
—
0.35
0.40
Vdc
Forward Current (DC)
IF
—
—
200
mAdc
Repetitive Peak Forward Current
IFRM
—
—
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Thermal Clad is a registered trademark of the Bergquist Company.
Order this document
by BAT54SWT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BAT54SWT1
Motorola Preferred Device
30 VOLT
DUAL SERIES
SCHOTTKY BARRIER
DIODES
1
2
3
CASE 419 – 02, STYLE 9
SOT– 323 (SC – 70)
© Motorola, Inc. 1997
3
CATHODE/ANODE
1
ANODE
2
CATHODE
REV 3


Similar Part No. - BAT54SWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54SWT1 ONSEMI-BAT54SWT1 Datasheet
49Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 8
logo
Fairchild Semiconductor
BAT54SWT1G FAIRCHILD-BAT54SWT1G Datasheet
88Kb / 3P
Schottky Diodes
logo
ON Semiconductor
BAT54SWT1G ONSEMI-BAT54SWT1G Datasheet
49Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 8
BAT54SWT1G ONSEMI-BAT54SWT1G Datasheet
135Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 10
More results

Similar Description - BAT54SWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
BAT54T1 ONSEMI-BAT54T1_05 Datasheet
54Kb / 4P
30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
October, 2005 ??Rev. 8
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
Dual Series Schottky Barrier Diodes
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
Dual Series Schottky Barrier Diodes
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
Dual Series Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com