Electronic Components Datasheet Search
  English  ▼

X  

TAS1020A Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS1020A
Description  USB Streaming Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS1020A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS1020A Datasheet HTML 9Page - Texas Instruments TAS1020A Datasheet HTML 10Page - Texas Instruments TAS1020A Datasheet HTML 11Page - Texas Instruments TAS1020A Datasheet HTML 12Page - Texas Instruments TAS1020A Datasheet HTML 13Page - Texas Instruments TAS1020A Datasheet HTML 14Page - Texas Instruments TAS1020A Datasheet HTML 15Page - Texas Instruments TAS1020A Datasheet HTML 16Page - Texas Instruments TAS1020A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
1–7
1.7
Terminal Functions—External MCU Mode (Continued)
TERMINAL
NAME
PIN
TYPE
NO.
I/O
DESCRIPTION
VREN
CMOS
42
O
General-purpose active-low output which is memory mapped.
XINT
CMOS
15
I
External interrupt: An active low input used by external circuitry to interrupt the on-chip 8052 MCU.
XTALI
CMOS
47
I
Crystal input: Input to the on-chip oscillator from an external 6-MHz crystal.
XTALO
CMOS
46
O
Crystal output: Output from the on-chip oscillator to an external 6-MHz crystal.
1.8
Device Operation Modes
The EXTEN and TEST pins define the mode that the TAS1020A is in after reset.
MODE
EXTEN
TEST
Normal mode – internal MCU
0
0
External MCU mode
1
0
Factory test
0
1
Factory test
1
1
1.9
Terminal Assignments for Codec Port Interface Modes
The codec port interface has five modes of operation that support AC97, I2S, and AIC codecs. There is also a
general-purpose mode that is not specific to a serial interface. The mode is programmed by writing to the mode select
field of the codec port interface configuration register 1 (CPTCNF1). The codec port interface terminals CSYNC,
CSCLK, CDATO, CDATI, CRESET, and CSCHNE take on functionality appropriate to the mode programmed as
shown in the following table.
TERMINAL
GP
AIC
AC ’97 v1.X
AC ’97 v2.X
I2S
I2S
NO.
NAME
GP
Mode 0
AIC
Mode 1
AC 97 v1.X
Mode 2
AC 97 v2.X
Mode 3
I2S
Mode 4
I2S
Mode 5
35
CSYNC
CSYNC
I/O
FS
O
SYNC
O
SYNC
O
LRCK
O
LRCK1
O
37
CSCLK
CSCLK
I/O
SCLK
O
BIT_CLK
I
BIT_CLK
I
SCLK
O
SCLK1
O
38
CDATO
CDATO
O
DOUT
O
SD_OUT
O
SD_OUT
O
SDOUT1
O
SDOUT1
O
36
CDATI
CDATI
I
DIN
I
SD_IN
I
SD_IN1
I
SDIN1
I
SDIN2
I
34
CRESET
CRESET
O
RESET
O
RESET
O
RESET
O
CRESET
O
SCLK2
O
32
CSCHNE
NC
O
FC
O
NC
O
SD_IN2
I
SDIN2
I
LRCK2
O
NOTES:
1. Signal names and I/O direction are with respect to the TAS1020A device. The signal names used for the TAS1020A terminals for
the various codec port interface modes reflect the nomenclature used by the codec devices.
2. NC indicates no connection for the terminal in a particular mode. The TAS1020A device drives the signal as an output for these
cases.
3. The CSYNC and CSCLK signals can be programmed as either an input or an output in the general-purpose mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com