Electronic Components Datasheet Search
  English  ▼

X  

2257 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2257
Description  Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2257 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2257 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lowpass
Filter
KR 2257
KR 2259
KR Part Number
2257
2259
Filter Type
Lowpass
Lowpass
Insertion Loss
< 1 dB
< 1 dB
< 3 dB Frequency
750 KHz
1.5 MHz
> 80 dB Frequency
900 KHz
1.8 MHz
VSWR
< 1.5:1
< 1.5:1
Source and Load
300
Ω
Ω
Ω
Ω
300
Ω
Ω
Ω
Ω
Specifications
Dimensions in inches
Metal Case
Ground terminals connected to case
Passband Amplitude
Overall Amplitude
Outline Drawing
Other Passband
Frequencies are
available.
10 dB/DIV
100 KHz
10 MHz
1 MHz
PN 2259
1 dB/DIV
100 KHz
1.6 MHz
PN 2259
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2257

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2257 ETC2-2257 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
2257 ETC2-2257 Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
logo
Heyco.
2257 HEYCO-2257 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
logo
Adafruit Industries
2257 ADAFRUIT-2257 Datasheet
122Kb / 2P
Raspberry Pi Model B / Pi 2 / Pi 3 Case Lid - Clear
logo
Videk Ltd
2257 VIDEK-2257 Datasheet
178Kb / 1P
DVI to SVGA/DFP Cables
More results

Similar Description - 2257

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
2381 KR-2381 Datasheet
23Kb / 2P
Lowpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com