Electronic Components Datasheet Search
  English  ▼

X  

2275-3 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2275-3
Description  Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2275-3 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2275-3 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lowpass
Filter
KR Model
2275-3
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
.030 000 MHz
STOP
2.500 000 MHz
Cor
PRm
1
2
1_:-3.0585 dB
.300 000 MHz
2_:-70.764 dB
480 kHz
KR Part Number
2275-3
Filter Type
Lowpass
Insertion Loss
< 1 dB
End of Passband =3 dB
300 KHz
Start of Stopband >52 dB
480 KHz
Source and Load Impedance
50
Ω
Specifications
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2275-3

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2275-1 KR-2275-1 Datasheet
18Kb / 1P
Lowpass Filter
2275-1.5 KR-2275-1.5 Datasheet
51Kb / 3P
KR 2275-1.5 is a 150 KHz elliptic type lowpass filter
2275-1.5-BNC KR-2275-1.5-BNC Datasheet
148Kb / 3P
KR 2275-1.5-BNC is a 150 KHz elliptic type lowpass filter
2275-15 KR-2275-15 Datasheet
51Kb / 3P
150 KHz Lowpass
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
More results

Similar Description - 2275-3

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com