Electronic Components Datasheet Search
  English  ▼

X  

2293 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2293
Description  Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2293 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2293 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bandpass
Filter
KR Model 2293
KR Part Number
2293
Filter Type
Bandpass
Center Frequency
211 KHz
Insertion Loss
< 3 dB
120 KHz
> 40 dB
186 KHz
< 3 dB
211 KHz
0 Ref
236 KHz
< 3 dB
362 KHz
> 40 dB
Source and Load Impedance
5 K
Ω
Specifications
Passband Amplitude
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2293

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2293 ETC2-2293 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
2293 KEYSTONE-2293 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Kontron
22931 KONTRON-22931 Datasheet
1Mb / 2P
3U CompactPCI® PMC CARRIER BOARD
logo
3M Electronics
22933 3M-22933 Datasheet
49Kb / 2P
3M Roloc Bristle Discs – RD-ZB
logo
Greenlee Communications
22934 GREENLEE-22934 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
More results

Similar Description - 2293

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com