Electronic Components Datasheet Search
  English  ▼

X  

2348 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2348
Description  Highpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2348 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2348 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Highpass
Filter
KR Model
2348
1 dB/div
5 MHz
42 MHz
1 MHz
20 MHz
10 dB/DIV
KR Part Number
2348
Filter Type
Highpass
Insertion Loss
< 1 dB
End of Stopband >40 dB
3.73 MHz
Start of Passband < 3 dB
5.0 MHz
Source and Load Impedance
75
Ω
Specifications
Passband Amplitude
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2348

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2348 ETC-2348 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Heyco.
2348 HEYCO-2348 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Keystone Electronics Co...
2348 KEYSTONE-2348 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
2348-2 ETC-2348-2 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Mill-Max Mfg. Corp.
2348-2-00-01-00-00-07-0 MILL-MAX-2348-2-00-01-00-00-07-0 Datasheet
451Kb / 1P
SOLDER TERMINAL TURRETS
More results

Similar Description - 2348

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2055 KR-2055 Datasheet
15Kb / 1P
Highpass Filter
2281 KR-2281 Datasheet
21Kb / 1P
Highpass Filter
2290-35-SMA KR-2290-35-SMA Datasheet
47Kb / 2P
Highpass Filter
2315 KR-2315 Datasheet
16Kb / 1P
Highpass Filter
2357 KR-2357 Datasheet
15Kb / 1P
Highpass Filter
2432-30-SMA KR-2432-30-SMA Datasheet
47Kb / 2P
Highpass Filter
2432-50 KR-2432-50 Datasheet
399Kb / 2P
Highpass Filter
2432-500-SMA KR-2432-500-SMA Datasheet
47Kb / 2P
Highpass Filter
2583 KR-2583 Datasheet
21Kb / 2P
Highpass Filter
2902 KR-2902 Datasheet
84Kb / 2P
Highpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com