Electronic Components Datasheet Search
  English  ▼

X  

2351 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2351
Description  Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2351 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2351 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lowpass
Filter
KR Model
2351
KR Part Number
2351
Filter Type
Bessel Lowpass
1.6 MHz
3 dB ± 0.5 dB
5 MHz
approx 27 dB
Source and Load Impedance
75
Ω
All dimensions in inches
Case Size 1.125 x 1.125 x 3.000
BNC Connectors Female (2 plcs)
Metal Case
Specifications
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2351

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
2351 MALLORY-2351 Datasheet
581Kb / 4P
MSD Programmable Fuel Booster
logo
Abbatron All Rights Res...
2351 ABBATRON-2351 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Littelfuse
2351.25 LITTELFUSE-2351.25 Datasheet
145Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
2351.25H LITTELFUSE-2351.25H Datasheet
145Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 2351

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2381 KR-2381 Datasheet
23Kb / 2P
Lowpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com