Electronic Components Datasheet Search
  English  ▼

X  

2357 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2357
Description  Highpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2357 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2357 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Highpass
Filter
KR Model
2357
KR Part Number
2357
Filter Type
Highpass
Passband
500 Hz to 10 KHz
Stopband >50 dB
300 Hz and below
Passband Ripple
< 1 dB p-p
Source and Load Impedance
20 K
Ω
All dimensions in inches
Metal Case
Specifications
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2357

ManufacturerPart #DatasheetDescription
logo
Littelfuse
235700P LITTELFUSE-235700P Datasheet
191Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
TE Connectivity Ltd
2357514-1 TEC-2357514-1 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
2357518-1 TEC-2357518-1 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
2357686-3 TEC-2357686-3 Datasheet
248Kb / 4P
2-2350224-3
08/02/2022
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
Solid-state technology
More results

Similar Description - 2357

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2055 KR-2055 Datasheet
15Kb / 1P
Highpass Filter
2281 KR-2281 Datasheet
21Kb / 1P
Highpass Filter
2290-35-SMA KR-2290-35-SMA Datasheet
47Kb / 2P
Highpass Filter
2315 KR-2315 Datasheet
16Kb / 1P
Highpass Filter
2432-30-SMA KR-2432-30-SMA Datasheet
47Kb / 2P
Highpass Filter
2432-50 KR-2432-50 Datasheet
399Kb / 2P
Highpass Filter
2432-90 KR-2432-90 Datasheet
184Kb / 2P
Highpass Filter
2432-500-SMA KR-2432-500-SMA Datasheet
47Kb / 2P
Highpass Filter
2583 KR-2583 Datasheet
21Kb / 2P
Highpass Filter
2902 KR-2902 Datasheet
84Kb / 2P
Highpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com