| Electronic Components Datasheet Search |
|
TC245 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TC245 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 19 page ![]() TC245 786- × 488-PIXEL CCD IMAGE SENSOR SOCS019A – DECEMBER 1991 2-4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 image-sensing and storage areas Figure 1 and Figure 2 show cross sections with potential well diagrams and top views of image-sensing and storage-area elements. As light enters the silicon in the image-sensing area, free electrons are generated and collected in the potential wells of the sensing elements. During this time, blooming protection is activated by applying a burst of pulses to the antiblooming gate inputs every horizontal blanking interval. This prevents blooming caused by the spilling of charge from overexposed elements into neighboring elements. After integration is complete, the signal charge is transferred into the storage area. There are 29 full columns and one half-column of elements at the right edge of the image-sensing area that are shielded from incident light; these elements provide the dark reference used in subsequent video processing circuits to restore the video black level. There are also one full column and one half-column of light-shielded elements at the left edge of the image-sensing area and two lines of light-shielded elements between the image-sensing and image-storage areas (the latter prevent charge leakage from the image-sensing area into the image-storage area). multiplexer with transfer gates and serial registers The multiplexer and transfer gates transfer charge line by line from the storage-area columns into the corresponding serial registers and prepare it for readout. Figure 3 illustrates the layout of the multiplexing gate that vertically separates the pixels for input into the serial registers. Figure 4 shows the layout of the interface region between the serial-register gates and the transfer gates. Multiplexing is activated during the horizontal blanking interval by applying appropriate pulses to the transfer gates and serial registers; the required pulse timing is shown in Figure 5. A drain is also included to provide the capability to clear the image-sensing and storage areas of unwanted charge. Such charge can accumulate in the imager during the start-up of operation or under special circumstances when nonstandard TV operation is desired. correlated clamp-sample-and-hold amplifier with charge-detection nodes Figure 6 illustrates the correlated clamp-sample-and-hold amplifier circuit. Charge is converted into a video signal by transferring the charge onto a floating diffusion structure in detection node1 that is connected to the gate of MOS transistor Q1. The proportional charge-induced signal is then processed by the circuit shown in Figure 6. This circuit consists of a low-pass filter formed by Q1 and C2, coupling capacitor C1, dummy detection node 2, which restores the dc bias on the gate of Q3, sampling transistor Q5, holding capacitor C3, and output buffer Q6. Transistors Q2, Q4, and Q7 are current sources for each corresponding stage of the amplifier. The parameters of this high-performance signal-processing amplifier have been optimized to minimize noise and maximize the video signal. The signal processing begins with a reset of detection node 1 and restoration of the dc bias on the gate of Q3 through the clamping function of dummy detection node 2. After the clamping is completed, the new charge packet is transferred onto detection node 1. The resulting signal is sampled by the sampling transistor Q5 and is stored on the holding capacitor C3. This process is repeated periodically and is correlated to the charge transfer in the registers. The correlation is achieved automatically since the same clock lines used in registers φ-S2 and φ-S3 for charge transport serve for reset and sample. The multiple use of the clock lines significantly reduces the number of signals required to operate the sensor. The amplifier also contains an internal voltage reference generator that provides the reference bias for the reset and clamp transistors. The detection nodes and the corresponding amplifiers are located some distance away from the edge of the storage area. Therefore, eleven dummy elements are incorporated at the end of each serial register to span the distance. The location of the dummy elements, which are considered to be part of the amplifiers, is shown in the functional block diagram. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |