Electronic Components Datasheet Search
  English  ▼

X  

2371 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2371
Description  Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2371 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2371 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lowpass
Filter
KR Model
2371
KR Part Number
2371
Filter Type
Bessel Lowpass
4 MHz
3 dB ± 0.5 dB
17.5 MHz
approx 50 dB
Group Delay Ripple
approx 5 nsec to 4 MHz
Source and Load Impedance
50
Ω
All dimensions in inches
Epoxy Case
Specifications
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2371

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
237101 MACOM-237101 Datasheet
659Kb / 17P
Pneumatic Tools
237106 MACOM-237106 Datasheet
659Kb / 17P
Pneumatic Tools
237111 MACOM-237111 Datasheet
659Kb / 17P
Pneumatic Tools
237113 MACOM-237113 Datasheet
659Kb / 17P
Pneumatic Tools
237114 MACOM-237114 Datasheet
659Kb / 17P
Pneumatic Tools
More results

Similar Description - 2371

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com