Electronic Components Datasheet Search
  English  ▼

X  

1SMB150AT3 Datasheet(PDF) 5 Page - Motorola, Inc

Part # 1SMB150AT3
Description  PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMB150AT3 Datasheet(HTML) 5 Page - Motorola, Inc

  1SMB150AT3 Datasheet HTML 1Page - Motorola, Inc 1SMB150AT3 Datasheet HTML 2Page - Motorola, Inc 1SMB150AT3 Datasheet HTML 3Page - Motorola, Inc 1SMB150AT3 Datasheet HTML 4Page - Motorola, Inc 1SMB150AT3 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GENERAL DATA — 600 WATT PEAK POWER
Motorola TVS/Zener Device Data
5-5
600 Watt Peak Power Data Sheet
600 Watt Peak Power
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
Transient Voltage Suppressors — Surface Mounted
CASE 403A
PLASTIC
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
(Refer to Section 10 for more information on Packaging Specifications.)
Package Option
Tape and Reel
2.5K
Type No. Suffix
T3 (13 inch reel)
MPQ (Units)
0.160
0.130
0.075
0.077
0.0020
0.006
0.030
0.205
0.180
0.150
0.095
0.083
0.0060
0.012
0.050
0.220
B
A
S
C
D
KP
J
H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN
DIMENSION P.
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
H
J
K
P
S
4.06
3.30
1.90
1.96
0.051
0.15
0.76
5.21
4.57
3.81
2.41
2.11
0.152
0.30
1.27
5.59
0.51 REF
0.020 REF
SMB Footprint
mm
inches
0.085
2.159
0.108
2.743
0.089
2.261



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com