Electronic Components Datasheet Search
  English  ▼

X  

TC255P Datasheet(PDF) 7 Page - Texas Instruments

Part # TC255P
Description  336- 횞 244-pixel ccd image sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC255P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TC255P Datasheet HTML 3Page - Texas Instruments TC255P Datasheet HTML 4Page - Texas Instruments TC255P Datasheet HTML 5Page - Texas Instruments TC255P Datasheet HTML 6Page - Texas Instruments TC255P Datasheet HTML 7Page - Texas Instruments TC255P Datasheet HTML 8Page - Texas Instruments TC255P Datasheet HTML 9Page - Texas Instruments TC255P Datasheet HTML 10Page - Texas Instruments TC255P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TC255P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS057 – JUNE 1996
2-7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
spurious-nonuniformity specification
The spurious-nonuniformity specification of the TC255P is based on several sensor characteristics:
• Amplitude of the nonuniform pixel
• Polarity of the nonuniform pixel
–
Black
–
White
• Column amplitude
The CCD sensor is characterized in both an illuminated condition and a dark condition. In the dark condition,
the nonuniformity is specified in terms of absolute amplitude as shown in Figure 5. In the illuminated condition,
the nonuniformity is specified as a percentage of the total illumination as shown in Figure 6.
The specification for the TC255P is as follows:
WHITE SPOT
(DARK)
WHITE SPOT
(ILLUMINATED)
COLUMN
(DARK)
COLUMN
(ILLUMINATED)
BLACK SPOT
(ILLUMINATED)
WHITE/BLACK†
PAIR
x < 15 mV
x < 15%
x < 0.5 mV
x < 1 mV
x < 15%
x < 9mV
† A white/black pair nonuniformity will be no more than 2 pixels even for integration times of 1/60 second.
The conditions under which this specification is defined are as follows:
• The integration time is 1/60 second except for illuminated white spots, illuminated black spots and
white/black pair nonuniformities; in these three cases, the integration time is 1/240 second.
• The temperature is 45°C.
• The CCD video-output signal is 60 mV ± 10 mV.
mV
Amplitude
t
Illumination
% of Total
t
%
Figure 5. Pixel Nonuniformity,
Figure 6. Pixel Nonuniformity,
Dark Condition
Illuminated Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com