Electronic Components Datasheet Search
  English  ▼

X  

TCM1030 Datasheet(PDF) 2 Page - Texas Instruments

Part # TCM1030
Description  DUAL TRANSIENT-VOLTAGE SUPPRESSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM1030 Datasheet(HTML) 2 Page - Texas Instruments

  TCM1030 Datasheet HTML 1Page - Texas Instruments TCM1030 Datasheet HTML 2Page - Texas Instruments TCM1030 Datasheet HTML 3Page - Texas Instruments TCM1030 Datasheet HTML 4Page - Texas Instruments TCM1030 Datasheet HTML 5Page - Texas Instruments TCM1030 Datasheet HTML 6Page - Texas Instruments TCM1030 Datasheet HTML 7Page - Texas Instruments TCM1030 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TCM1030, TCM1050
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
SCTS040B – JUNE 1989 – REVISED JUNE 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Q1
TIP
GND
GND
VS
RING
Trip
Circuit
Q2
D1
D2
1
2
4
8
7
6
5
Trip
Circuit
TIP
RING
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
TCM1030 nonrepetitive peak surge current (see Note 1): 10/1000
±16 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10/160
±25 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
±35 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TCM1050 nonrepetitive peak positive surge current:
10/1000
30 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 1)
10/160
45 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
50 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TCM1050 nonrepetitive peak negative surge current:
10/1000
– 25 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 1)
10/160
– 29 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2/10
– 36 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Nonrepetitive peak surge current, tw = 10 ms, half sinewave (see Note 2)
5 A
. . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous 60-Hz sinewave at 1 A
2 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P package
260
°C
. . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1 The notation 10/1000 refers to a waveshape having tr = 10 µs and tw = 1000 µs ending at 50% of the peak value. The notation 10/160
is tr = 10 µs and tw = 160 µs. The notation 2/10 is tr = 2 µs and tw = 10 µs.
2. This value applies when the case temperature is at or below 85
°C. The surge current may be repeated after the device has returned
to thermal equilibrium.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
OPERATING FACTOR
TA = 85°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
D
725 mW
5.8 mW/
°C
377 mW
P
1000 mW
8.0 mW/
°C
520 mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com