Electronic Components Datasheet Search
  English  ▼

X  

2438 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2438
Description  Video Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2438 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2438 Datasheet HTML 1Page - KR Electronics, Inc. 2438 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
CH1
S21
LOG
.1 dB/
REF -.5 dB
START
. 100
000
MHz
STOP
6 . 000
000
MHz
Cor
CH2
S21
DEL
10 ns/
REF 360 ns
Cor
Smo
16 Jul 2002 16:02:29
CH1
S21
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
20 . 000
000
MHz
Cor
16 Jul 2002 16:03:17
KR 2438 VIDEO FILTER
KR 2438 is a video lowpass filter. The filter has
a 5.5 MHz passband and group delay
equalization. The filter is suitable for
surface mount. Other passband
frequencies are available.
Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Anti-Aliasing filter
• Elliptic response
• Group delay equalization
• Surface mount
• 75 Ω
Typical Performance
www.krfilters.com
Figure 1
Passband Amplitude & Group Delay
(0.1 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Similar Part No. - 2438

ManufacturerPart #DatasheetDescription
logo
Heyco.
2438 HEYCO-2438 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Adafruit Industries
2438 ADAFRUIT-2438 Datasheet
154Kb / 2P
Mini-DIN Connector Cable for iRobot Create 2 - 7 Pins - 6 feet
logo
List of Unclassifed Man...
24380 ETC2-24380 Datasheet
355Kb / 1P
METRIC STANDOFFS AND SPACERS
24380 ETC2-24380 Datasheet
89Kb / 1P
METRIC STANDOFFS AND SPACERS
24381 ETC2-24381 Datasheet
355Kb / 1P
METRIC STANDOFFS AND SPACERS
More results

Similar Description - 2438

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com