Electronic Components Datasheet Search
  English  ▼

X  

2465 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2465
Description  Video Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2465 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2465 Datasheet HTML 1Page - KR Electronics, Inc. 2465 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2003, KR Electronics, Inc.
Parameter
Specification
Typical
Filter type
Lowpass
End of passband
30 MHz
Passband ripple
< 0.1 dB p-p
0.05 dB
Start of stopband –50 dB
118.5 MHz
Group delay ripple
< 1 nsec p-p
0.50 nsec
Group delay control to
30 MHz
Impedance
75
Ω
KR Series 2465 Video Filter
KR Series 2465 Video Filter
KR Series 2465 Video Filter
KR Series 2465 Video Filter
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Pin 1 is Input
Pin 8 is Output
Pins 2 thru 7 are Ground
Pin dimensions .010” x .020”
Tolerance ± 0.010
All Dimensions Shown in inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com