Electronic Components Datasheet Search
  English  ▼

X  

TCM29C14 Datasheet(PDF) 13 Page - Texas Instruments

Part # TCM29C14
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C14 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCM29C14 Datasheet HTML 9Page - Texas Instruments TCM29C14 Datasheet HTML 10Page - Texas Instruments TCM29C14 Datasheet HTML 11Page - Texas Instruments TCM29C14 Datasheet HTML 12Page - Texas Instruments TCM29C14 Datasheet HTML 13Page - Texas Instruments TCM29C14 Datasheet HTML 14Page - Texas Instruments TCM29C14 Datasheet HTML 15Page - Texas Instruments TCM29C14 Datasheet HTML 16Page - Texas Instruments TCM29C14 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
–1dB
3400 Hz
Typical Filter
Transfer Function
–1.8 dB
200 Hz
– 0.15 dB
300 Hz
– 0.35 dB
3300 Hz
– 0.125 dB
200 Hz
0.15 dB
300 Hz
0.15 dB
3300 Hz
– 32 dB
4600 Hz
– 14 dB
4000 Hz
– 30 dB
16.67 Hz
– 25 dB
50 Hz
– 23 dB
60 Hz
0
–1
0
–10
–20
–30
–40
–50
–50
–40
–30
–20
–10
0
–1
0
10 k
1 k
100
50
10
f – Frequency – Hz
– 0.15 dB
3000 Hz
–60
–60
0.15 dB
3000 Hz
Typical Filter
Transfer Function
– 0.10 dB
3400 Hz
Figure 1. Transfer Characteristics of the Transmit Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com