Electronic Components Datasheet Search
  English  ▼

X  

TCM29C18 Datasheet(PDF) 4 Page - Texas Instruments

Part # TCM29C18
Description  ANALOG INTERFACE FOR DSP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C18 Datasheet(HTML) 4 Page - Texas Instruments

  TCM29C18 Datasheet HTML 1Page - Texas Instruments TCM29C18 Datasheet HTML 2Page - Texas Instruments TCM29C18 Datasheet HTML 3Page - Texas Instruments TCM29C18 Datasheet HTML 4Page - Texas Instruments TCM29C18 Datasheet HTML 5Page - Texas Instruments TCM29C18 Datasheet HTML 6Page - Texas Instruments TCM29C18 Datasheet HTML 7Page - Texas Instruments TCM29C18 Datasheet HTML 8Page - Texas Instruments TCM29C18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TCM29C18, TCM29C19, TCM129C18, TCM129C19
ANALOG INTERFACE FOR DSP
SCTS021D –AUGUST 1987 –REVISED OCTOBER 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital ground voltage range
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TCM29C18, TCM29C19
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . .
TCM129C18, TCM129C19
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW or N package
260
°C
. . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values for maximum ratings are with respect to VBB.
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 3)
4.75
5
5.25
V
VBB
Supply voltage
– 4.75
–5
– 5.25
V
DGTL GND voltage with respect to ANLG GND
0
V
VIH
High-level input voltage, all inputs except ANLG IN
2.2
V
VIL
Low-level input voltage, all inputs except ANLG IN
0.8
V
VI(PP) Peak-to-peak analog input voltage (see Note 4)
4.2
V
RL
Load resistance
GSX
10
k
Ω
RL
Load resistance
PWRO + and/or PWRO –
300
Ω
CL
Load capacitance
GSX
50
pF
CL
Load capacitance
PWRO + and/or PWRO –
100
pF
TA
Operating free air temperature
TCM29C18 or TCM29C19
0
70
°C
TA
Operating free-air temperature
TCM129C18 or TCM129C19
–40
85
°C
NOTES:
2. To avoid possible damage to these CMOS devices and resulting reliability problems, the power-up procedure described in the device
power-up sequence paragraphs later in this document should be followed.
3. Voltages at analog inputs and outputs and VCC and VBB terminals are with respect to ANLG GND. All other voltages are referenced
to DGTL GND unless otherwise noted.
4. Analog inputs signals that exceed 4.2 V peak to peak may contribute to clipping and preclude correct A/D conversion. The digital
code representing values higher than 4.2 V is 10 000 000. For values more negative than 4.2 V, the code is 0000000.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
supply current, fDCLK = 2.048 MHz, outputs not loaded
PARAMETER
TEST CONDITIONS
TCM29Cxx
TCM129Cxx
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
Operating
10
14
ICC
Supply current from VCC
Standby
FSX or FSR at VIL after 300 ms
1.2
1.5
mA
CC
y
CC
Power down
PDN at VIL after 10 µs
1
1.2
Operating
–10
–14
IBB
Supply current from VBB
Standby
FSX or FSR at VIL after 300 ms
– 1.2
– 1.5
mA
Power down
PDN at VIL after 10 µs
–1
– 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com