Electronic Components Datasheet Search
  English  ▼

X  

TCM29C23 Datasheet(PDF) 13 Page - Texas Instruments

Part # TCM29C23
Description  VARIABLE-FREQUENCY PCM OR DSP INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C23 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCM29C23 Datasheet HTML 9Page - Texas Instruments TCM29C23 Datasheet HTML 10Page - Texas Instruments TCM29C23 Datasheet HTML 11Page - Texas Instruments TCM29C23 Datasheet HTML 12Page - Texas Instruments TCM29C23 Datasheet HTML 13Page - Texas Instruments TCM29C23 Datasheet HTML 14Page - Texas Instruments TCM29C23 Datasheet HTML 15Page - Texas Instruments TCM29C23 Datasheet HTML 16Page - Texas Instruments TCM29C23 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TCM29C23, TCM129C23
VARIABLE-FREQUENCY PCM OR DSP INTERFACE
SCTS029A – AUGUST 1989 –REVISED JULY 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CLKX
FSX Input
(nonsignaling
frames)
CLKX
PCM OUT
TSX Output
tr
tf
Time-Slot 1
12
3
4
5
6
7
8
12
3
4
5
6
7
8
Time-Slot N
tpd1
tpd2
tpd3
tpd5
tpd4
Bit 1†
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8†
td(FSX)
td(FSX)
tw(CLK)
tc(CLK)
† Bit 1 = MSB = sign bit and locked in first on PCM IN or clocked out first on PCM OUT. Bit 8 = LSB = least significant bit and is clocked in last
on PCM IN or is clocked out last on PCM OUT.
NOTE A: Inputs are driven from 0.45 V to 2.4 V. Time intervals are referenced to 2 V if the high level is indicated and 0.8 V if the low level is
indicated.
Figure 3. Transmit Timing (Fixed-Data Rate)
CLKR
FSR Input
(nonsignaling
frames)
CLK
PCM IN
Time-Slot 1
12
3
4
5
6
7
8
td(FSR)
td(FSR) tr
tf
tw(CLK)
tc(CLK)
12
3
4
5
6
7
8
Time-Slot N
tsu(PCM IN)
th(PCM IN)
Bit 1†
Valid
Bit 2
Valid
Bit 3
Valid
Bit 4
Valid
Bit 5
Valid
Bit 6
Valid
Bit 7
Valid
Bit 8†
Valid
† Bit 1 = MSB = sign bit and locked in first on PCM IN or clocked out first on PCM OUT. Bit 8 = LSB = least significant bit and is clocked in last
on PCM IN or is clocked out last on PCM OUT.
NOTE A: Inputs are driven from 0.45 V to 2.4 V. Time intervals are referenced to 2 V if the high level is indicated and 0.8 V if the low level is
indicated.
Figure 4. Receive Timing (Fixed-Data Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com