Electronic Components Datasheet Search
  English  ▼

X  

2395 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2395
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2395 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2395 Datasheet HTML 1Page - KR Electronics, Inc. 2395 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2001, KR Electronics, Inc.
KR Series 2395 Bandpass Filter
KR 2395 is a 70 MHz center frequency elliptic bandpass fil-
ters supplied in a surface mount package. The filter has high
selectivity, symmetry and high stopband attenuation. Other
center frequencies and bandwidths are available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 70 MHz center frequency
• Elliptic bandpass filter
• Surface mount package
• Excellent symmetry
• High stopband attenuation
Typical Performance
www.krfilters.com
Figure 1
Passband & Group Delay
(1 dB/div & 10 nsec/div) 61.5 MHz to 78.5 MHz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div) Center 70 MHz Span 125 MHz
CH1
S21
LOG
1 dB/
REF -1.9 dB
PASS
Cor
PRm
CH2
S21
DEL
10 ns/
REF 77 ns
START
61 . 500
000
MHz
STOP
78 . 500
000
MHz
Cor
Smo
PRm
CH1
S21
LOG
10 dB/
REF 0 dB
CENTER
70 . 000
000
MHz
SPAN
125 . 000
000
MHz
STOP
Cor
Smo
PRm


Similar Part No. - 2395

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
2395 KEYSTONE-2395 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
KR Electronics, Inc.
2395-10.7-3M-50 KR-2395-10.7-3M-50 Datasheet
92Kb / 2P
Bandpass Filter
2395-10.7M-3M-50 KR-2395-10.7M-3M-50 Datasheet
92Kb / 2P
KR 2395-10.7-3M-50 is a 10.7 MHz surface mount bandpass filter.
2395-107M-3M-50 KR-2395-107M-3M-50 Datasheet
92Kb / 2P
Surface Mount Package
2395-21.4-6M-50 KR-2395-21.4-6M-50 Datasheet
95Kb / 2P
Bandpass Filter
More results

Similar Description - 2395

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com