Electronic Components Datasheet Search
  English  ▼

X  

2404 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2404
Description  HDTV ANTI-ALIASING FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2404 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2404 Datasheet HTML 1Page - KR Electronics, Inc. 2404 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2001, KR Electronics, Inc.
CH1
S31
LOG
.2 dB/
REF -.75 dB
START
. 100
000
MHz
STOP
30 . 000
000
MHz
Cor
PRm
CH2
S31
DEL
2 ns/
REF 98 ns
Cor
Smo
PRm
19 Sep 2001 10:28:44
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
100 . 000
000
MHz
Cor
PRm
19 Sep 2001 10:29:57
KR 2404 HDTV ANTI-ALIASING FILTER
KR 2404 is a HDTV anti-aliasing filter. The filter has a 30 MHz
passband and group delay equalization. Other passband frequen-
cies are available. Please consult the factory.
General Description
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc....
Features
Features
Features
Features
• Anti-Aliasing filter
• Elliptic response
• Group delay equalization
• 75 Ω
Typical Performance
www.krfilters.com
Figure 1
Passband Amplitude & Group Delay
(0.2 dB/div & 2 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Similar Part No. - 2404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2404 ETC2-2404 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2404 HEYCO-2404 Datasheet
105Kb / 1P
Dome Plugs
logo
ASSUN MOTOR Pte Ltd.
2404 ASSUN-2404 Datasheet
130Kb / 1P
STANDARD SERIES
2020
2404 ASSUN-2404 Datasheet
583Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2023-A
2404 ASSUN-2404 Datasheet
3Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushed
2024-A
More results

Similar Description - 2404

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
Anti-aliasing and reconstruction filters
logo
Faraday Technology
AH849 FARADAY-AH849 Datasheet
64Kb / 2P
FULLY BUFFERED ANTI-ALIASING PRE/POST FILTER
FHS1350F FARADAY-FHS1350F Datasheet
92Kb / 2P
PRE A-D ANTI-ALIASING FILTER
FL1311 FARADAY-FL1311 Datasheet
13Kb / 2P
ANTI-ALIASING PRE FILTER
logo
STMicroelectronics
LIS2DUX12 STMICROELECTRONICS-LIS2DUX12 Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com