Electronic Components Datasheet Search
  English  ▼

X  

2405 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2405
Description  HDTV ANTI-ALIASING FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2405 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2405 Datasheet HTML 1Page - KR Electronics, Inc. 2405 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2001, KR Electronics, Inc.
Parameter
Specification
Filter type
Lowpass
Insertion Loss
< 1.5 dB
Passband Ripple to 10 MHz
< ± 0.1 dB
Passband Ripple to 15 MHz
< ± 0.2 dB
Group Delay Ripple to 10 MHz
< ± 4 nsec
Group Delay Ripple to 15 MHz
< ± 6 nsec
Start of Stopband
18.5625 MHz
Stopband Attenuation
> 40 dB
Source & Load
75
Ω
KR 2405 HDTV Filter
KR 2405 HDTV Filter
KR 2405 HDTV Filter
KR 2405 HDTV Filter
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc....
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com