Electronic Components Datasheet Search
  English  ▼

X  

2406 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2406
Description  Video Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2406 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2406 Datasheet HTML 1Page - KR Electronics, Inc. 2406 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2001, KR Electronics, Inc.
Parameter
Specification
Filter type
Lowpass
End of passband
4.24 MHz
Passband ripple
< 0.1 dB p-p
Approx. -12 dB frequency
5.23 MHz
Start of stopband –45 dB
6.15 MHz
Group delay ripple
< 15 nsec p-p
Group delay control to
4.3 MHz
Impedance
75
Ω
KR Series 2406 Video Filter
KR Series 2406 Video Filter
KR Series 2406 Video Filter
KR Series 2406 Video Filter
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc....
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Input & Output Lead dia 0.030” (2 plcs)
2.
Common leads dia 0.040” (5 plcs)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com